Part Number Hot Search : 
V300C24 R2A33 DTC114 18R104C SN74LS47 5DU121 SKIIP3 MAX924
Product Description
Full Text Search
 

To Download HMC190MS8E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC190MS8 / 190MS8E
v02.0505
GaAs MMIC SPDT SWITCH DC - 3 GHz
Typical Applications
The HMC190MS8 / HMC190MS8E is ideal for: * MMDS & WirelessLAN * Portable Wireless
Features
Low Insertion Loss: 0.4dB Ultra Small Package: MSOP8 High Input IP3: +50 dBm Positive Control: 0/+3V @ 10 uA
Functional Diagram
General Description
The HMC190MS8 & HMC190MS8E are low cost SPDT switches in 8-lead MSOP packages. The switch can control signals from DC to 3 GHz. It is especially suited for low and medium power applications using positive control voltages. The two control voltages require a minimal amount of DC current, which is optimal for battery powered radio systems at 0.9, 1.9, and 2.4 GHz. The HMC190MS8(E) designs provides exceptional third order intermodulation performance of +50 dBm. The design has been optimized for the small MSOP package, and maintains a VSWR of better than 1.2:1 up to 2 GHz. This device is the positive control MSOP8 packaged version of our HMC239S8 negative control device.
10
SWITCHES - SMT
Electrical Specifi cations, TA = +25 C, Vctl = 0/+3 to +8 Vdc
Parameter Frequency DC - 1.0 GHz DC - 2.0 GHz DC - 2.5 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 2.5 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 2.5 GHz DC - 3.0 GHz 0.5 - 1.0 GHz 0.5 - 3.0 GHz 0.5 - 1.0 GHz 0.5 - 3.0 GHz DC - 3.0 GHz tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF) 3 10 ns ns 23 23 22 19 24 20 15 10 25 23 45 44 Min. Typ. 0.4 0.4 0.5 0.7 27 27 26 22 28 28 20 16 30 29 50 49 Max. 0.6 0.6 0.8 1.0 Units dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm
Insertion Loss
Isolation
Return Loss
Input Power for 1 dB Compression (Vctl = 0/+5V) Input Third Order Intercept (Vctl = 0/+5V)(Two-tone Input Power = +7 dBm Each Tone) Switching Characteristics
10 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC190MS8 / 190MS8E
v02.0505
GaAs MMIC SPDT SWITCH DC - 3 GHz
Insertion Loss
0 -0.5 INSERTION LOSS (dB) -1 -1.5 -2 -2.5 -3 0 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
Isolation
0
-10 ISOLATION (dB)
-20
-30
-40
-50 0 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
10
SWITCHES - SMT
Return Loss
0 INPUT RETURN LOSS (dB)
-10
-20
-30
-40 0 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
Input 0.1 and 1.0 dB Compression vs. Control Voltage
35 INPUT POWER FOR 0.1 AND 1 dB COMPRESSION (dBm) 1 dB at 1900 MHz
Input Third Order Intercept Point vs. Control Voltage
55
30
INPUT THIRD ORDER INTERCEPT(dBm)
1 dB at 900 MHz
53
51
25
0.1 dB at 900 MHz 0.1 dB at 1900 MHz
49
900 MHz 1900 MHz
20
47
15 3 4 5 6 7 8 9 CONTROL INPUT (Vdc)
45 4 5 6 7 8 9 CONTROL INPUT (Vdc)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
10 - 19
HMC190MS8 / 190MS8E
v02.0505
GaAs MMIC SPDT SWITCH DC - 3 GHz
Distortion vs. Control Voltage
Control Input (Vdc) +5 +8 Third Order Intercept (dBm) +7 dBm Each Tone 900 MHz 50 53 1900 MHz 49 51
Compression vs. Control Voltage
Carrier at 900 MHz Carrier at 1900 MHz Input Power for 0.1 dB Compression (dBm) 17 24 30 Input Power for 1.0 dB Compression (dBm) 20 29 32
10
SWITCHES - SMT
Control Input (Volts) +3 +5 +8
Input Power for 0.1 dB Compression (dBm) 17 25 31
Input Power for 1.0 dB Compression (dBm) 20 30 33
Truth Table
*Control Input Voltage Tolerances are 0.2 Vdc.
Control Input* A (Vdc) 0 +3 0 +5 0 +7 0 +8 B (Vdc) +3 0 +5 0 +7 0 +8 0 Control Current Ia (uA) -10 10 -55 55 -210 210 -280 280 Ib (uA) 10 -10 55 -55 210 -210 280 -280 Signal Path State RF to RF1 ON OFF ON OFF ON OFF ON OFF RF to RF2 OFF ON OFF ON OFF ON OFF ON
Caution: Do not operate in 1dB compression at power levels above +31dBm (Vctl = +5 Vdc) and do not "hot switch" power levels greater than +20dBm (Vctl = +5Vdc). DC blocks are required at ports RFC, RF1 and RF2.
10 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC190MS8 / 190MS8E
v02.0505
GaAs MMIC SPDT SWITCH DC - 3 GHz
Absolute Maximum Ratings
Max. Input Power VCTL = 0/+8V 0.5 GHz 0.5 - 2 GHz +27 dBm +34 dBm -0.2 to +12 Vdc -65 to +150 C -40 to +85 C Class 1A
Control Voltage Range (A & B) Storage Temperature Operating Temperature ESD Sensitivity (HBM)
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
10
SWITCHES - SMT
NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Package Information
Part Number HMC190MS8 HMC190MS8E Package Body Material Low Stress Injection Molded Plastic RoHS-compliant Low Stress Injection Molded Plastic Lead Finish Sn/Pb Solder 100% matte Sn MSL Rating MSL1 MSL1
[1]
Package Marking [3] H190 XXXX H190 XXXX
[2]
[1] Max peak reflow temperature of 235 C [2] Max peak reflow temperature of 260 C [3] 4-Digit lot number XXXX
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
10 - 21
HMC190MS8 / 190MS8E
v02.0505
GaAs MMIC SPDT SWITCH DC - 3 GHz
Typical Application Circuit
10
SWITCHES - SMT
Notes: 1. Set logic gate and switch Vdd = +3V to +5V and use HCT series logic to provide a TTL driver interface. 2. Control inputs A/B can be driven directly with CMOS logic (HC) with Vdd of 5 to 8 Volts applied to the CMOS logic gates. 3. DC blocking capacitors are required for each RF port as shown. Capacitor value determines lowest frequency of operation. 4. Highest RF signal power capability is achieved with Vdd = +8V and A/B set to 0/+8V.
10 - 22
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC190MS8 / 190MS8E
v02.0505
GaAs MMIC SPDT SWITCH DC - 3 GHz
Evaluation Circuit Board
10
SWITCHES - SMT
List of Materials for Evaluation PCB 101779 [1]
Item J1 - J3 J4 - J6 C1 - C3 U1 PCB [2] Description PCB Mount SMA RF Connector DC Pin 330 pF capacitor, 0402 Pkg. HMC190MS8 / HMC190MS8E SPDT Switch 101777 Evaluation PCB [1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines at the RF port should have 50 ohm impedance and the package ground leads and package bottom should be connected directly to the ground plane similar to that shown above. The evaluation circuit board shown above is available from Hittite Microwave Corporation upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
10 - 23


▲Up To Search▲   

 
Price & Availability of HMC190MS8E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X